|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2N7002T N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features * * * * * * * * * * * * * * Low On-Resistance Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage Ultra-Small Surface Mount Package SOT-523 TOP VIEW A D BC G G S NEW PRODUCT Dim A B C D G H N M Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0 Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8 Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4 Mechanical Data Case: SOT-523, Molded Plastic Case Material UL Flammability Rating: 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: 72 (See Page 3) Weight: 0.002 grams (approx.) Ordering Information, see Page 3 K H J K L M N a J D L Drain All Dimensions in mm Gate Source Maximum Ratings Drain-Source Voltage @ TA = 25C unless otherwise specified Symbol VDSS VDGR Continuous Pulsed Continuous Continuous @ 100C Pulsed VGSS ID Pd RqJA Tj, TSTG Value 60 60 20 40 115 73 800 150 833 -55 to +150 Units V V V mA mW C/W C Characteristic Drain-Gate Voltage RGS 1.0MW Gate-Source Voltage Drain Current Total Power Dissipation Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range DS30301 Rev. 2 - 2 1 of 3 www.diodes.com 2N7002T NEW PRODUCT Electrical Chacteristics Characteristic OFF CHARACTERISTICS (Note 1) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage ON CHARACTERISTICS (Note 1) Gate Threshold Voltage Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS Turn-On Delay Time Turn-Off Delay Time @ TA = 25C unless otherwise specified Symbol BVDSS @ TC = 25C @ TC = 125C IDSS IGSS VGS(th) @ Tj = 25C @ Tj = 125C RDS (ON) ID(ON) gFS Ciss Coss Crss tD(ON) tD(OFF) Min 60 3/4 3/4 1.0 3/4 0.5 80 3/4 3/4 3/4 3/4 3/4 Typ 3/4 3/4 3/4 3/4 2.0 4.4 1.0 3/4 22 11 2.0 7.0 11 Max 3/4 1.0 500 10 2.0 7.5 13.5 3/4 3/4 50 25 5.0 20 20 Unit V A nA V W A mS pF pF pF ns ns VDD = 30V, ID = 0.2A, RL = 150W, VGEN = 10V, RGEN = 25W VDS = 25V, VGS = 0V f = 1.0MHz Test Condition VGS = 0V, ID = 10mA VDS = 60V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID =-250mA VGS = 5.0V, ID = 0.05A VGS = 10V, ID = 0.5A VGS = 10V, VDS = 7.5V VDS =10V, ID = 0.2A Note: 1. Short duration test pulse used to minimize self-heating effect. 1 VGS = 5V 0.9 ID, DRAIN-SOURCE CURRENT (A) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 VGS = 5, 6, 7, 10V VGS = 10,7,6V VGS = 4V 2.2 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE VGS = 3V 1.8 1.4 VGS = 4V VGS = 3V 1 0 0 1 2 3 4 5 0.6 0 0.2 0.4 0.6 0.8 1.0 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 On-Region Characteristics ID, DRAIN-SOURCE CURRENT (A) Fig. 2 On-Resistance Variation with Gate Voltage and Drain-Source Current 1.2 VGS(th), NORMALIZED THRESHOLD VOLTAGE 2.2 RDS(ON), NORMALIZED ON-RESISTANCE 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 1.1 VGS = 10V ID = 500mA 1 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Fig. 3 Gate Threshold Variation with Temperature TJ, JUNCTION TEMPERATURE (C) Fig. 4 On-Resistance Variation with Temperature DS30301 Rev. 2 - 2 2 of 3 www.diodes.com 2N7002T 60 5.0 4.5 NEW PRODUCT 50 4.0 C, CAPACITANCE (pF) 40 3.5 3.0 30 2.5 2.0 ID = 50mA 20 Ciss 1.5 Coss 10 1.0 0.5 Crss 0 0 5 10 15 20 25 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 5 Typical Capacitance 0.0 0 2 4 6 8 10 VGS, GATE-SOURCE VOLTAGE (V) Fig. 6 On-Resistance vs. Gate-Source Voltage Ordering Information Device 2N7002T Notes: (Note 2) Packaging SOT-523 Shipping 3000/Tape & Reel 2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information 72YM 72 = Product Type Marking Code YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4 2004 R May 5 2005 S Jun 6 Jul 7 2006 T Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D DS30301 Rev. 2 - 2 3 of 3 www.diodes.com 2N7002T |
Price & Availability of 2N7002T |